Part Number Hot Search : 
10019 9161A 74HCT241 NTD4863N CD451 2412W RGP0212E SDM5013
Product Description
Full Text Search
 

To Download SB150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLGALAXY
FEATURES
o o
ELECTRICAL
SB120 - - - SB1A0
VOLTAGE RANGE: 20 --- 100 V CURRENT: 1.0 A
SCHOTTKY BARRIER RECTIFIER
Metal-Semiconductor junction with guard ring Epitaxial construction o Low forward voltage drop,low switching losses o High surge capability o For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications o The plastic material carries U/L recognition 94V-0
DO - 41
MECHANICAL DATA
o o o o o Case:JEDEC DO--41,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.012 ounces,0.34 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25ae ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SB 120
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 9.5mm lead length, Peak forward surge current 8.3ms single half-sine-wave superimposed on rated load @T J=125ae (see fig.1)
SB 130
30 21 30
SB 140
40 28 40
SB 150
50 35 50
SB 160
60 42 60 1.0
SB 170
70 49 70
SB 180
80 56 80
SB 190
90 63 90
SB UNITS 1A0
100 70 100 V V V A
VRRM VRMS VDC IF(AV)
20 14 20
IFSM
40.0
A
Maximum instantaneous forward voltage @ 1.0A Maximum reverse current @T A=25ae
VF IR CJ RJA TJ TSTG
0.5
0.7 0.5
0.85
V mA pF ae/W ae ae
www.galaxycn.com
at rated DC blocking voltage @T A=100ae Typical junction capacitance Typical thermal resistance (Note1) (Note2)
10.0 110 50 - 55 --- + 125
5.0 80 - 55 --- + 150 - 55 --- + 150
Operating junction temperature range Storage temperature range
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Thermalresistance junction to ambient
Document Number 0266004
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT AMPERES AVERAGE FORWARD CURRENT AMPERES
SB120 - - - SB1A0
FIG.2 --MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1.0
0.75
SB120-SB140
Resistive or Inductive Load 0.375"(9.5mm) Lead Length
50
TJ=TJMAX 8.3ms Single Half Sine-Wave
40
0.5
30
SB150-SB1A0
0.25
20 10 0
0 0 25 50 75 100 125 150 175
1
10
100
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz FIG.4--TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE LEAKAGE CURRENT, MILLIAMPERES
1000
FIG.3 --TYPICAL INSTANTANEOUS INSTANTANEOUS FORWARD CURRENT AMPERES FORWARD CHARACTERISTICS
50
100
10
SB150-SB160
TJ=100ae
SB120-SB140
P u ls e w id th = 3 0 0 1 % D u ty C y cle
s
10
1
SB170-SB1A0
1
TJ=75ae
0 .1
0.1
TJ=25
0 .0 1 0 0 .2 0 .4 0 .6 0 .8 1 .0 1 .2 1 .4 1 .6
0.01
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5--TYPICAL JUNCTION CAPACITANCE JUNCTION CAPACITANCE,pF /W
400
FIG.6--TYPICAL TRANSIENT THERMAL IMPEDANCE
SB120-SB140
TJ=25ae f=1.0MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE ,
100
100
SB150-SB1A0
10
1
10 0.1
0.1 0.01 0.1 1 10 100
1
10
100
REVERSE VOLTAGE,VOLTS
PULSE DURATION,Sec.
www.galaxycn.com
Document Number 0266004
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SB150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X